Part Number Hot Search : 
WM8950 100BG H3545 74VHCT 020141MB WM8950 BZX55C1 MB89935B
Product Description
Full Text Search
 

To Download KBPC3500S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MCC
Features
omponents 21201 Itasca Street Chatsworth !"# $
% !"#
KBPC3500S THRU KBPC3510S
35 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
KBPC
* * * * * *
Low Forward Voltage Drop High Current Capability High Reliability High Surge Current Capability Ideal for Printed Circuit Boards Designed for Saving Mounting Space
Maximum Ratings
* * Operating Temperature: -55C to +150C Storage Temperature: -55C to +150C MCC Catalog Number
KBPC3500S KBPC3501S KBPC3502S KBPC3504S KBPC3506S KBPC3508S KBPC3510S
Device Marking
KBPC3500S KBPC3501S KBPC3502S KBPC3504S KBPC3506S KBPC3508S KBPC3510S
Maximum Recurrent Peak Reverse Voltage 50V 100V 200V 400V 600V 800V 1000V
Maximum RMS Voltage 35V 70V 140V 280V 420V 560V 700V
Maximum DC Blocking Voltage 50V 100V 200V 400V 600V 800V 1000V
Electrical Characteristics @ 25C Unless Otherwise Specified
Average Forward Current Peak Forward Surge Current Maximum Forward Voltage Drop Per Element IF(AV) IFSM 35.0A 400A TC = 60C 8.3ms, half sine
VF
1.2V
IFM = 17.5A per element; TA = 25C
DIM A B C D E G H INCHES MIN 1.12 .432 .547 .752 .201 .047 .120
DIMENSIONS MM MIN 28.40 10.97 13.90 19.10 5.10 1.20 3.05
Maximum DC Reverse Current At IR 10A TA = 25C Rated DC Blocking 1.0mA TA = 100C Voltage *Pulse test: Pulse width 300 sec, Duty cycle 1%
MAX 1.13 .442 --------.142
MAX 28.70 11.23 --------3.60
NOTE
www.mccsemi.com
KBPC3500S thru KBPC3510S
Figure 1 Typical Forward Characteristics 100 60 40 20 10 6 4 2 25C Amps 1 .6 .4 .2 .1 .06 .04 .02 .01 .2 .4 .6 .8 1.0 1.2 1.4 10 6 4 2 1 .6 .4 .2 TA=25C Amps .1 .06 .04 .02 .01 .006 .00 4 .002 .001 20 40 60
MCC
Figure 2 Typical Reverse Characteristics
80 Volts
100
120
140
Volts Instantaneous Forward Current - Amperesversus Instantaneous Forward Voltage - Volts Figure 3 Forward Derating Curve 60
Instantaneous Reverse Leakage Current - MicroAmperes versus Percent Of Rated Peak Reverse Voltage - Volts
Figure 4 Peak Forward Surge Current 600
50
500 400 300 Amps 200 100
40
30 Amps 20
10 Single Phase, Half Wave 60Hz Resistive or Inductive Load 0 0 25 50 75 C Average Forward Rectified Current - Amperes versus Case Temperature - C 100 150 175 0 1 2 4 6 8 10 Cycles Peak Forward Surge Current - Amperesversus Number Of Cycles At 60Hz - Cycles 20 40 00 60 80 100
www.mccsemi.com


▲Up To Search▲   

 
Price & Availability of KBPC3500S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X